do not scale from this print (no of pos x .100[2.54]) + .694[17.63] ref .390 ref 9.91 .020 ref 0.51 (no of pos x .100[2.54]) + .104[2.64] ref .250 ref 6.35 .150 (typ) 3.81 ref .100 2.54 .397 10.08 (no of pos -1) x .100[2.54] ref 2 max sway (typ) "a" "a" 01 02 .467 .010 11.87 0.25 90 .505 12.83 .004[.10] ejh-1xx-xx-xx-d-xx-xx-xx no of positions -05 thru -25 row specification -d: double lead style -01: standard (use ejh-xx-d) -02: extended (see fig. 11, sheet 4) (use ejh-xx-d-ext & eha-03-ext) plating specification -s: selective gold (use t-1s6x-xx-s-x) -f: flash selective gold (use t-1s6x-xx-f-x) -sm: selective heavy gold (use t-1s6x-xx-s-x) -fm: flash selective gold, matte tin tail (use t-1s6x-xx-f-x) option -lc: locking clip (for -sm only) -p: pick & place pad (for -sm only) (use ppp-50, see figure 6, sheet 3) -k: polyamide film (see fig. 3, sheet 3) (use k-850-650) -tr: tape & reel packaging (see fig. 7, sheet 3)) (for -sm-p, & -sm-k only) (not available on -sm-lc) (not available on -25 position) tail option polarized option -xx = pin omited -sm: surface mount (see fig. 1) -th: through hole (see fig. 8, sheet 2) -ra: right angle (see fig. 9, sheet 2) position 1 indicator .500 ref 12.70 .225 ref 5.72 .025 sq ref 0.64 .060 1.52 section "a"-"a" ejh-xx-d pin a (see table 1) lc-09-tm .280 7.11 -sm in-process 1 .467 .010 11.87 0.25 90 .130 3.31 -sm in-process 2 .060 ref 1.52 (no of pos x .100[2.54]) + .400[10.16] ref fig. 1 ejh-110-01-x-d-sm-lc shown c sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 2 .xxx: .005 [.13] .xxxx: .0020 [.051] material: .100 x .100 ejector header assembly by: ejh-1xx-xx-xx-d-xx-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing eric m. 09/19/01 4 1 sheet scale: 1:0.666667 -01 insulator: vectra e130i, color: black -02 insulator color: natural terminal: phos bronze 510 3/4 hard f:\dwg\misc\mktg\ejh-1xx-xx-xx-d-xx-xx-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. coplanarity to be: .004 max for positions -05 thru -10 .006 max for positions -15 thru -25 3. burr allowance: .0015 max. 4. minimum pushout force: 1 lb min. 5. maximum allowable bow: .002 inch/inch after assembly. 6. parts to be tubed with ejector arms in the up position as shown. 7. repress to dimension shown. 8. note deleted. 9. measure from the tips of the terminals. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision q
.100 (typ) 2.54 ((no of pos -1) x .100[2.54]) .008[.20] 2 max sway (typ) "c" "c" fig. 8 ejh-110-01-x-d-th shown [different as shown, otherwise same as fig. 1] c1 c2 c3 .120 3.05 .100 (typ) 2.54 2 max sway (typ) section "c"-"c" c4 c5 pin a (see table 1) 2 max sway (typ) 01 02 ejh-110-01-x-d-ra shown [different as shown, otherwise same as fig. 1] fig. 9 "f" "f" .225 5.72 ref .09 2.3 ref .06 1.5 (see note 9) .100 2.54 (see note 9) 90 section "f"-"f" pin a (see table 1) pin b (see table 1) .125 ref 3.18 .650 16.51 ref .375 9.53 -ra in-process 1 pin a (see table 1) 90 .09 2.3 ref .125 ref 3.18 .16 4.1 (see note 9) -ra in-process 2 .09 ref 2.3 .475 12.07 .225 5.72 ref .850 21.59 ref 90 .06 1.5 (see notes 7 & 9) -ra in-process 3 pin b (see table 1) sheet of .100 x .100 ejector header assembly by: ejh-1xx-xx-xx-d-xx-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing eric m. 09/19/01 4 2 sheet scale: 1.5:1 revision q f:\dwg\misc\mktg\ejh-1xx-xx-xx-d-xx-xx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
user direction of un-reeling pocket not detailed arm assembly & rotation .665 ref 16.88 eha-03 .475 ref 12.07 -k: polyamide film c l 01 .385 ref 9.78 surface mount tube: pt-1-24-01-121 plug: tp-13 (see note 6) fig. 4 through hole tube: pt-1-24-02-74 plug: tp-26 (see note 6) fig. 5 "a" .945 24.00 "b" "b" 01 section "b"-"b" scale 0.75 : 1 fig. 7 -tr tape & reel packaging .390 9.91 ppp-50 .425 10.80 .455 11.56 right angle tube: pt-1-24-01-131 plug: tp-26 (see note 6) fig. 10 fig. 2 fig. 3 packaging tube views total parts per reel: 125 -p: pick & place pad fig. 6 sheet of .100 x .100 ejector header assembly by: ejh-1xx-xx-xx-d-xx-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing eric m. 09/19/01 4 3 sheet scale: 1:0.666667 revision q 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
(no of pos x .100) + .815 ref .458 11.62 fig. 11 -02 lead style (same as fig. 1, unless otherwise stated) (ejh-125-02-x-d-sm-lc shown) (no of pos x .100) + .225 ref .685 17.39 ref ejh-xx-d-ext eha-03-ext d sheet of .100 x .100 ejector header assembly by: ejh-1xx-xx-xx-d-xx-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing eric m. 09/19/01 4 4 sheet scale: 2:1 revision q f:\dwg\misc\mktg\ejh-1xx-xx-xx-d-xx-xx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
|